PART |
Description |
Maker |
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
S87C652-4F40 S87C652-4A44 83C652 S87C652-7K44 P83C |
CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 8 MHz, MICROCONTROLLER, CDIP40 CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers CMOS单芯位微控制 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 10 MHz, MICROCONTROLLER, CQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
AM186ES AM188ES |
microcontrollers provide a low-cost/ high-performance solution for embedded system designers who wish to use the x86 architecture. High Performance/ 80C186-/80C188-Compatible and 80L186-/80L188-Compatible/ 16-Bit Embedded Microcontrollers
|
Advanced Micro Devices
|
PIC16LF818-IP PIC16F818-ISO PIC16F819-E PIC16F819- |
Enhanced Flash Microcontrollers 18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
|
Microchip Technology
|
AT91SAM7X128-AU AT91SAM7X512-CU AT91SAM7X512-AU AT |
AT91 ARM Thumb-based Microcontrollers 32-BIT, FLASH, 55 MHz, RISC MICROCONTROLLER, PBGA100 AT91 ARM Thumb-based Microcontrollers AT91上ARM的拇指型微控制器
|
Atmel Corp. Atmel, Corp.
|
SABC515C-LM SAFC515C-LM SABC515C-8EM SABC515C-8RM |
8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (10MHz)
|
Infineon
|
P83C366CBP P83C366BDR P83C266BDR |
Microcontrollers for PAL/SECAM TV with OSD and VST(OSDVST的在PAL/SECAM TV中应用的微控制器) Microcontrollers for PAL/SECAM TV with OSD and VST 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PDIP42
|
NXP Semiconductors N.V.
|
UPD70F3201 UPD703201GC-XXX-8EU UPD703204F1-XXX-EA6 |
(UPD70F3201 / UPD70F3204) 32-Bit Single-Chip Microcontrollers 32-BIT SINGLE-CHIP MICROCONTROLLERS 32位单晶片微控制器
|
NEC Electronics NEC Corp. NEC, Corp.
|
M68HC11CPU MC68B50 MC6802 |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS Single?Chip
Microcontrollers Single-Chip Microcontrollers (AMCU)
|
MOTOROLA[Motorola, Inc]
|
AT91M43300-25CI AT91M43300 AT91M43300-12CC-1.8 AT9 |
ARM Thumb Microcontrollers ARM Thumb Microcontrollers 32-BIT, RISC MICROCONTROLLER, PBGA144
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|